Part Number Hot Search : 
FC156 ST62E62C CPC1909J K2996 WHE1K0FE JANSR2 02K15FKE CPC1909J
Product Description
Full Text Search
 

To Download STGW40NC60V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STGW40NC60V
N-CHANNEL 50A - 600V TO-247 Hyper Fast PowerMESHTM IGBT
TYPE STGW40NC60V
s s s s s s
VCES 600 V
VCE(sat) (Max)@25C < 2.5 V
IC @100C 50 A
HIGH INPUT IMPEDANCE OFF LOSSES INCLUDE TAIL CURRENT LOW GATE CHARGE HIGH CURRENT CAPABILITY VERY HIGH FREQUENCY OPERATION CO-PACKAGED WITH TURBOSWITCH ANTIPARALLEL DIODE
3 2 1
TO-247
DESCRIPTION Using the latest high voltage technology based on a patented strip layout, STMicroelectronics has designed an advanced family of IGBTs, the PowerMESHTM IGBTs, with outstanding performances. The suffix "V" identifies a family optimized for high frequency welding and SMPS applications. APPLICATIONS s HIGH FREQUENCY INVERTERS s SMPS and PFC IN BOTH HARD SWITCH AND RESONANT TOPOLOGIES s UPS s WELDING INTERNAL SCHEMATIC DIAGRAM
ORDERING INFORMATION
SALES TYPE STGW40NC60V MARKING GW40NC60V PACKAGE TO-247 PACKAGING TUBE
August 2003
1/9
STGW40NC60V
ABSOLUTE MAXIMUM RATINGS
Symbol VCES VECR VGE IC IC ICM ( ) PTOT Tstg Tj Parameter Collector-Emitter Voltage (VGS = 0) Emitter-Collector Voltage Gate-Emitter Voltage Collector Current (continuous) at TC = 25C Collector Current (continuous) at TC = 100C Collector Current (pulsed) Total Dissipation at TC = 25C Derating Factor Storage Temperature Max. Operating Junction Temperature Value 600 20 20 80 50 220 260 2.6 - 55 to 125 125 Unit V V V A A A W W/C C C
( )Pulse width limited by safe operating area
THERMAL DATA
Rthj-case Rthj-amb Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max 0.385 30 C/W C/W
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol VBR(CES) ICES IGES Parameter Collector-Emitter Breakdown Voltage Collector cut-off (VGE = 0) Gate-Emitter Leakage Current (VCE = 0) Test Conditions IC = 1 mA, VGE = 0 VCE = Max Rating, TC = 25 C VCE = Max Rating, TC = 125 C VGE = 20 V , VCE = 0 Min. 600 250 1000 250 Typ. Max. Unit V A A nA
ON (1)
Symbol VGE(th) VCE(sat) Parameter Gate Threshold Voltage Collector-Emitter Saturation Voltage Test Conditions VCE = VGE, IC = 250 A VGE = 15 V, IC = 40 A, Tj =25C VGE =15 V, IC = 40 A, Tj =125C Min. 3 Typ. 4 1.92 1.7 Max. 5 2.5 Unit V V V
2/9
STGW40NC60V
ELECTRICAL CHARACTERISTICS (CONTINUED) DYNAMIC
Symbol gfs Cies Coes Cres Qg Qge Qgc ICL Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Emitter Charge Gate-Collector Charge Latching Current VCE = 480 V, IC = 40 A, VGE = 15 V Vclamp = 480 V , Tj = 125C RG = 10 220 Test Conditions VCE = 25 V , IC = 20 A VCE = 25 V, f= 1 MHz, VGE = 0 Min. Typ. 20 4550 350 105 220 30 105 Max. Unit S pF pF pF nC nC nC A
SWITCHING ON
Symbol td(on) tr (di/dt)on Eon Parameter Turn-on Delay Time Rise Time Turn-on Current Slope Turn-on Switching Losses Test Conditions VCC = 480 V, IC = 40 A RG = 10 , VGE = 15 V VCC= 480 V, IC = 40 A RG= 10 , VGE = 15 V, Tj =125C Min. Typ. 45 27 1150 800 Max. Unit ns ns A/s J
SWITCHING OFF
Symbol tr(Voff) td(off) tf Eoff(**) Ets tr(Voff) td(off) tf Eoff(**) Ets Parameter Off Voltage Rise Time Delay Time Fall Time Turn-off Switching Loss Total Switching Loss Off Voltage Rise Time Delay Time Fall Time Turn-off Switching Loss Total Switching Loss Vcc = 480 V, IC = 40 A, RGE = 10 , VGE = 15 V Tj = 125 C Test Conditions Vcc = 480 V, IC = 40 A, RGE = 10 , VGE = 15 V TJ = 25 C Min. Typ. 37 270 70 1120 1880 67 325 120 1600 2400 Max. Unit ns ns ns
J J
ns ns ns
J J
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by max. junction temperature. (**)Losses include Also the Tail (Jedec Standardization)
3/9
STGW40NC60V
Output Characteristics Transfer Characteristics
Transconductance
Normalized Collector-Emitter On Voltage vs Temp.
Collector-Emitter On Voltage vs Collector Current Gate Threshold vs Temperature
4/9
STGW40NC60V
Normalized Breakdown Voltage vs Temperature Capacitance Variations
Gate Charge vs Gate-Emitter Voltage
Total Switching Losses vs Gate Resistance
Total Switching Losses vs Temperature
Total Switching Losses vs Collector Current
5/9
STGW40NC60V
Thermal Impedance for Max247 Turn-Off SOA
6/9
STGW40NC60V
Fig. 1: Gate Charge test Circuit Fig. 2: Test Circuit For Inductive Load Switching
7/9
STGW40NC60V
TO-247 MECHANICAL DATA
mm. MIN. 4.85 2.20 1.0 2.0 3.0 0.40 19.85 15.45 5.45 14.20 3.70 18.50 3.55 4.50 5.50 3.65 5.50 0.140 0.177 0.216 14.80 4.30 0.560 0.14 0.728 0.143 0.216 TYP MAX. 5.15 2.60 1.40 2.40 3.40 0.80 20.15 15.75 MIN. 0.19 0.086 0.039 0.079 0.118 0.015 0.781 0.608 0.214 0.582 0.17 inch TYP. MAX. 0.20 0.102 0.055 0.094 0.134 0.03 0.793 0.620
DIM. A A1 b b1 b2 c D E e L L1 L2 oP oR S
8/9
STGW40NC60V
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of STGW40NC60V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X